Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC911B Datasheet(PDF) 5 Page - Microchip Technology

Part # TC911B
Description  Monolithic Auto-Zeroed Operational Amplifers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911B Datasheet(HTML) 5 Page - Microchip Technology

  TC911B Datasheet HTML 1Page - Microchip Technology TC911B Datasheet HTML 2Page - Microchip Technology TC911B Datasheet HTML 3Page - Microchip Technology TC911B Datasheet HTML 4Page - Microchip Technology TC911B Datasheet HTML 5Page - Microchip Technology TC911B Datasheet HTML 6Page - Microchip Technology TC911B Datasheet HTML 7Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Monolithic Auto-Zeroed Operational Amplifers
TC911A
TC911B
© 2001 Microchip Technology Inc.
DS21481A
+
–
TC911
18 k
Ω
6.4 k
Ω
3.6 k
Ω
6.4V
4
6
7
3
2
0.1
µF
+15V
V
= 10V
OUT
TYPICAL APPLICATIONS
Thermometer Circuit
10-Volt Precision Reference
+9V
TC911
REF02
–
+
VOUT
R
2
R
3
R
1
ADJ
TEMP
OUT
V
REF
V
= V
OUT
1 + R
2
[
(
) V
REF
–
] [
R
2
]
1 + R
2
[
R + R
1
1
(
)]
d (V
)
d V
OUT
=
≈K (2.1 mV/°C)
K = 1 +
R
2
dT
R X R
TEMP
TEMP
3
3
dT
R + R
1
3
R
1
1
R X R
3
1
R X R
3
Programmable Gain Amplifier With Input Multiplexer
+
–
IN1
TC911
IN2
IN3
A1 A2 A3 A4WR
+5V
–5V
GND
+5V –5V
+5V
–5V
1
VOUT
2 k
Ω
18 k
Ω
INPUT
CHANNEL
SELECT
68HC11
GAIN
SELECT
A1 A2 A3 A4
WR
LATCH
GND
10
X
100
1000
XX
X
99 k
Ω
999 k
Ω
1 k
Ω
1 k
Ω
IN4
IC1b
IC1b
IC1a, b, = Quad Analog Switch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com