Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9400CPD Datasheet(PDF) 14 Page - Microchip Technology

Part # TC9400CPD
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9400CPD Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC9400CPD Datasheet HTML 10Page - Microchip Technology TC9400CPD Datasheet HTML 11Page - Microchip Technology TC9400CPD Datasheet HTML 12Page - Microchip Technology TC9400CPD Datasheet HTML 13Page - Microchip Technology TC9400CPD Datasheet HTML 14Page - Microchip Technology TC9400CPD Datasheet HTML 15Page - Microchip Technology TC9400CPD Datasheet HTML 16Page - Microchip Technology TC9400CPD Datasheet HTML 17Page - Microchip Technology TC9400CPD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TC9400/9401/9402
DS21483B-page 14
© 2002 Microchip Technology Inc.
FIGURE 7-4:
DC - 10kHz CONVERTER
7.4
Output Filtering
The output of the TC9400 has a sawtooth ripple super-
imposed on a DC level. The ripple will be rejected if the
TC9400 output is converted to a digital value by an inte-
grating analog-to-digital converter, such as the TC7107
or TC7109. The ripple can also be reduced by increas-
ing the value of the integrating capacitor, although this
will reduce the response time of the F/V converter.
Thesawtoothrippleonthe output of anF/V canbe
eliminated without affecting the F/V's response time by
using the circuit in Figure 7-5. The circuit is a capaci-
tance multiplier, where the output coupling capacitor is
multiplied by the AC gain of the Op Amp. A moderately
fast Op Amp, such as the TL071, should be used.
FIGURE 7-5:
RIPPLE FILTER
TC9400A
TC9401A
TC9402A
+5V
14
VDD
V+
V+
FOUT/2
FOUT
Output
Common
10
9
8
5
3
12
12pF
CREF
56pF
CINT
1000pF
RINT
1M
Ω
60pF
Amp
Out
VOUT
VSS
IBIAS
14
10k
Ω
2.2k
Ω
100k
Ω
2k
Ω
-5V
+5V
Zero Adjust
2
7
(Typically -5V)
VREF
FIN
11
Threshold
Detector
3
µsec
Delay
*
*
*
*Optional/If
Buffer is Needed
Offset
Adjust
VREF
OUT
IIN
42
–
+
Op
Amp
VREF
See
Figure 7-1:
"Frequency
Input Level
Shifter"
6
GND
Threshold
Detect
1M
47pF
VOUT
TC9400
12
3
5
VREF OUT
IIN
GND
AMP OUT
6
.001
µF
+
–
1M
3
2
.01
µF 1M
0.1
µF
+5
7
6
4
-5
TL071
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com