Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-10/P Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16F84A-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-10/P Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16F84A-10/P Datasheet HTML 103Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 104Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 105Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 106Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 107Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 108Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 109Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 110Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 107
FIGURE 12-17: IOH vs. VOH, VDD = 3 V
FIGURE 12-18: IOH vs. VOH, VDD = 5 V
FIGURE 12-19: IOL vs. VOL, VDD = 3 V
FIGURE 12-20: IOL vs. VOL, VDD = 5 V
0
–5
–10
–15
–20
–25
0.0
0.5
1.0
1.5
2.0
2.5
VOH (Volts)
3.0
Typ +25
°C
0
–10
–20
–30
–40
1.5
2.0 2.5 3.0 3.5 4.0
VOH (Volts)
4.5 5.0
Typ +25
°C
–5
–15
–25
–35
45
40
35
30
25
20
15
10
5
0
0.0
0.5
1.0
1.5
2.0
2.5
VOL (Volts)
Typ +25
°C
3.0
90
80
70
60
50
40
30
20
10
0
0.0
0.5
1.0
1.5
2.0
2.5
VOL (Volts)
Typ +25
°C
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com