Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-10/P Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16F84A-10/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-10/P Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16F84A-10/P Datasheet HTML 104Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 105Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 106Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 107Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 108Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 109Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 110Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 111Page - Microchip Technology PIC16F84A-10/P Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 124 page
background image
PIC16F8X
DS30430C-page 108
© 1998 Microchip Technology Inc.
FIGURE 12-21: TYPICAL DATA MEMORY ERASE/WRITE CYCLE TIME VS. VDD
TABLE 12-2
INPUT CAPACITANCE*
Pin Name
Typical Capacitance (pF)
18L PDIP
18L SOIC
PORTA
5.0
4.3
PORTB
5.0
4.3
MCLR
17.0
17.0
OSC1/CLKIN
4.0
3.5
OSC2/CLKOUT
4.3
3.5
T0CKI
3.2
2.8
* All capacitance values are typical at 25
°C. A part to part variation of ±25% (three standard deviations) should
be taken into account.
7
6
5
4
3
2
1
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (Volts)
6.5
1.5
2.0
10
9
8
Shaded area is beyond recommended range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com