Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9401EJD Datasheet(PDF) 1 Page - Microchip Technology

Part # TC9401EJD
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9401EJD Datasheet(HTML) 1 Page - Microchip Technology

  TC9401EJD Datasheet HTML 1Page - Microchip Technology TC9401EJD Datasheet HTML 2Page - Microchip Technology TC9401EJD Datasheet HTML 3Page - Microchip Technology TC9401EJD Datasheet HTML 4Page - Microchip Technology TC9401EJD Datasheet HTML 5Page - Microchip Technology TC9401EJD Datasheet HTML 6Page - Microchip Technology TC9401EJD Datasheet HTML 7Page - Microchip Technology TC9401EJD Datasheet HTML 8Page - Microchip Technology TC9401EJD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 1
TC9400/9401/9402
Features
VOLTAGE-TO-FREQUENCY
• Choice of Linearity
- TC9401: 0.01%
- TC9400: 0.05%
- TC9402: 0.25%
• DC to 100kHz (F/V) or 1Hz to 100kHz (V/F)
• Low Power Dissipation: 27mW (Typ.)
• Single/Dual Supply Operation
- +8V to +15V or ±4V to ±7.5V
• Gain Temperature Stability: ±25 ppm/°C (Typ.)
• Programmable Scale Factor
FREQUENCY-TO-VOLTAGE
• Operation: DC to 100kHz
• Choice of Linearity
- TC9401: 0.02%
- TC9400: 0.05%
- TC9402: 0.25%
• Programmable Scale Factor
Applications
•
µP Data Acquisition
• 13-bit Analog-to-Digital Converters
• Analog Data Transmission and Recording
• Phase Locked Loops
• Frequency Meters/Tachometer
• Motor Control
• FM Demodulation
Device Selection Table
General Description
The TC9400/TC9401/TC9402 are low cost voltage-to-
frequency (V/F) converters, utilizing low power CMOS
technology. The converters accept a variable analog
input signal and generate an output pulse train, whose
frequency is linearly proportional to the input voltage.
The devices canalsobeusedashighlyaccurate fre-
quency-to-voltage (F/V) converters, accepting virtually
any input frequency waveform and providing a linearly
proportional voltage output.
A complete V/F or F/V system only requires the addi-
tion of two capacitors, three resistors, and reference
voltage.
Package Type
Part
Number
Linearity
(V/F)
Package
Temperature
Range
TC9400COD
0.05%
14-Pin SOIC
(Narrow)
0°C to +70°C
TC9400CPD
0.05%
14-Pin PDIP
0°C to +70°C
TC9400EJD
0.05%
14-Pin CerDIP
-40°C to +85°C
TC9401CPD
0.01%
14-Pin PDIP
0°C to +70°C
TC9401EJD
0.01%
14-Pin CerDIP
-40°C to +85°C
TC9402CPD
0.25%
14-Pin PDIP
0°C to +70°C
TC9402EJD
0.25%
14-Pin CerDIP
°C to +85°C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
NC
AMPLIFIER OUT
THRESHOLD
DETECTOR
FREQ/2 OUT
OUTPUT COMMON
PULSE FREQ OUT
AMPLIFIER OUT
THRESHOLD
DETECTOR
FREQ/2 OUT
OUTPUT COMMON
PULSE FREQ OUT
IBIAS
ZERO ADJ
IIN
VSS
VREF OUT
GND
VREF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
NC
IBIAS
ZERO ADJ
IIN
VSS
VREF OUT
GND
VREF
TC9400
TC9401
TC9402
14-Pin Plastic DIP/CERDIP
14-Pin SOIC
TC9400
TC9401
TC9402
NC = No Internal Connection
Voltage-to-Frequency/Frequency-to-Voltage Converters


Similar Part No. - TC9401EJD

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9401EJD TELCOM-TC9401EJD Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
More results

Similar Description - TC9401EJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com