Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3321A Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM3321A
Description  High-sensitivity preamplifier for visible to infrared detection using a single IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3321A Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM3321A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SM3321A
SEIKO NPC CORPORATION - 6
Timing diagram
FUNCTIONAL DESCRIPTION
Transimpedance Setting
The I/V amplifier impedance and post-amplifier gain can be selected using GS0, GS1, and GS2 input state control. Selecting
the I/V amplifier impedance and post-amplifier gain also determines the transimpedance setting.
Input
Conditions
Transimpedance
GS2
GS1
GS0
I/V amplifier
resistance
Post-amplifier gain
L
L
L
0.5MΩ
12dB
2.0MΩ
L
L
H
16dB
3.2MΩ
L
H
L
20dB
5.0MΩ
L
H
H
24dB
8.0MΩ
H
L
L
3MΩ
12dB
12MΩ
H
L
H
16dB
19.2MΩ
H
H
L
20dB
30MΩ
H
H
H
24dB
48MΩ
OUT Output Setting
The OUT output can be controlled using the OEN input.
OEN input
OUT output
L
Output enabled
H
Hi-Z
OEN
OUT
LED
LED
Sensor
Light source
Settling time Interface wait time
t
si > 10μs
t
st2 > 30μs
A/D ACQ
GS[2:0]
GS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com