Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3322ARA Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM3322ARA
Description  Dark current compensation circuit built-in for stable signal output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3322ARA Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM3322ARA Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SM3322ARA
SEIKO NPC CORPORATION - 3
SPECIFICATIONS
Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage*1
VDD
VDD pin
-0.3 to +7.0
V
Input voltage*1
VIN
DATA, CLK, SE, OE,A0,A1,A2 pins
-0.3 to VDD
*3+0.3
V
Output voltage*1
VOUT
OUT, REF pins
-0.3 to VDD
*3+0.3
V
Storage temperature*2
TSTG
-55 to +90
°C
*1. These ratings must not be exceeded, not even momentarily. If a rating is exceeded, there is a risk of IC failure, deterioration in characteristics,
and decrease in reliability.
*2. Store separately in Nitrogen or vacuum atmosphere.
*3. Recommended operating conditions VDD level.
Recommended Operating Conditions
The recommended operating conditions are the conditions for which the electrical characteristics are guaranteed.
VSS=0V
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Supply voltage
VDD
2.7
5.0
5.5
V
OUT output load*1
-
-
100
pF
REF output load*1
-
-
100
pF
Operating temperature
Ta
-40
-
85
°C
*1. The output load of the OUT and REF outputs presumes capacitive load only. For current load, an error in the output voltage occurs, so the outputs must
be used under high-impedance conditions.
Note. Since it may influence the reliability if it is used out of range of recommended operating conditions, this product should be used within this range.
Electrical Characteristics
DC Characteristics
Recommended operating conditions using reference circuit, unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Current consumption
IDD
OE=0V, No output load
-
1.5
3.0
mA
Logic input voltage 1
VIH1
DATA,CLK,SE,A0,A1,A2
pins
0.8VDD
-
-
V
VIL1
-
-
0.2VDD
Logic input voltage 2
VIH2
OE pin
0.8VDD
-
-
V
VIL2
-
-
0.2VDD
Logic input current 1
IIH1
DATA,CLK,SE,
A0,A1,A2 pins
VIH= VDD
-
-
1
μA
IIL1
VIL= 0V
-1
-
-
Logic input current 2
IIH2
OE pin,
VDD=5.0V
VIH= VDD
-
10
20
μA
IIL2
VIL= 0V
-20
-10
-
Logic output impedance
ZDATA
DATApin, read mode
-
-
400
REF output voltage
VREF
Load capacitance < 100pF*1
0.08VDD
0.10VDD
0.12VDD
V
OUT maximum output voltage
VOUTH
0.60VDD
0.70VDD
-
V
Output impedance
ZO
OUT pin*2
-
400
1000
*1. If a large load capacitance is connected to REF, the REF voltage may begin to oscillate. Accordingly, the load capacitance connected to the REF output
should be 100pF or lower.
*2. The output impedance ZO is given by the following equation, where V10 is the output voltage for 10kΩ load resistance and V0 is the output voltage with
no load.
ZO= (V0/V10-1)*10 [kΩ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com