Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3600AP Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM3600AP
Description  Magnetic Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3600AP Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM3600AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SM3600AP
SEIKO NPC CORPORATION - 2
PINOUT
PIN DESCRIPTION
No.
Name
I/O
*1
Description
1
CE
I
Chip enable (High: Normal operating mode, Low: standby mode)
2
VREF
O
Reference voltage output (output VDD/2)
3
SET
I
Auto-bias function input. When SET goes Low → High,
the voltage on OUT is adjusted to VDD/2 using the auto-bias function.
4
VSS
S
Ground
5
OUT
O
Magnetic detector signal output (output VSS level when CE=Low)
6
G1
O
Low-pass filter capacitor connection
A low-pass filter is formed by connecting a capacitor between G1 and OUT
pins.
7
TEST
O
Test output. Leave open for normal operation
8
VDD
S
Supply voltage (normally 5V)
*1. I: Input pin
O: Output pin
S: Supply pin
BLOCK DIAGRAM
Magnetic
Sensor
Offset
Correction
Circuit
AMP
VREF
VSS
TEST
VDD
CE
SET
VREF
OUT
G1
AMP
+
–
Magnetic
Sensor
100kΩ
100kΩ
CE 1
VREF 2
SET 3
VSS 4
8 VDD
7 TEST
6 G1
5 OUT
Top View
DIP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com