Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74A1-5.0VCT Datasheet(PDF) 4 Page - Microchip Technology

Part # TC74A1-5.0VCT
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74A1-5.0VCT Datasheet(HTML) 4 Page - Microchip Technology

  TC74A1-5.0VCT Datasheet HTML 1Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 2Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 3Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 4Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 5Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 6Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 7Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 8Page - Microchip Technology TC74A1-5.0VCT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC74
DS21462B-page 4
© 2002 Microchip Technology Inc.
TC74 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD =3.3V or 5.0V (Note 5),-40°C ≤ TA ≤ 125°C, CL = 80pF unless otherwise noted.
Serial Port AC Timing
Symbol
Parameter
Min
Typ.
Max
Unit
Test Conditions
fSMB
SMBus Clock Frequency
10
—
100
kHz
tLOW
Low Clock Period
4.7
—
—
µsec
10% to 10%
tHIGH
High Clock Period
4
—
—
µsec
90% to 90%
tR
tF
SMBus Rise Time
SMBus Fall Time
—
—
—
—
1000
300
nsec
nsec
10% to 90%
90% to10%
tSU(START)
START Condition Setup Time
(for repeated START Condition)
4—
—
µsec
90% SCLK to 10% SDA
tH(START)
START Condition Hold Time
4
—
—
µsec
tSU-DATA
Data In Setup Time
1000
—
—
nsec
tH-DATA
Data In Hold Time
1250
—
—
nsec
tSU(STOP)
STOP Condition Setup Time
4
—
—
µsec
tIDLE
Bus Free Time Prior to New Tran-
sition
4.7
—
—
µsec
tPOR
Power-on Reset Delay
—
500
—
µsec
VDD ≥ VPOR (Rising Edge)
Note
1:
Operating current is an average value integrated over multiple conversion cycles. Transient current may exceed this specification.
2:
Maximum ensured conversion time after Power-on Reset (POR to DATA_RDY) is 250 msec.
3:
Output current should be minimized for best temperature accuracy. Power dissipation within the TC74 will cause self-heating and
temperature drift error.
4:
SDA and SCLK must be connected to VDD or GND.
5:
VDD = 3.3V for TC74X -3.3VCT. VDD = 5.0V for TC74X -5.0VCT. All part types of the TC74 will operate properly over the wider power
supply range of 2.7V to 5.5V. Each part type is tested and specified for rated accuracy at its nominal supply voltage. As VDD varies from
the nominal value, accuracy will degrade 1°C/V of VDD change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com