Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N70L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N70L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N70L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 1N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 1N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-171.E
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
700
V
Drain-Source Leakage Current
IDSS
VDS = 700V, VGS = 0V
10
μA
Gate-Source Leakage Current
Forward
IGSS
VGS = 30V, VDS = 0V
100
nA
Reverse
VGS = -30V, VDS = 0V
-100 nA
Breakdown Voltage Temperature Coefficient △BVDSS
/TJ ID = 250μA
0.4
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 0.6A
9.3 13.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
190 220
pF
Output Capacitance
COSS
25
35
pF
Reverse Transfer Capacitance
CRSS
20
25
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD=30V, ID=0.5A, RG=25Ω
(Note 2,3)
33
45
ns
Turn-On Rise Time
tR
45
60
ns
Turn-Off Delay Time
tD(OFF)
62
80
ns
Turn-Off Fall Time
tF
31
45
ns
Total Gate Charge
QG
VDS=50V, VGS=10V, ID=1.3A
(Note 2,3)
12
18
nC
Gate-Source Charge
QGS
3.5
nC
Gate-Drain Charge
QGD
2.2
nC
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS = 1.2A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
1.2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
4.8
A
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Pulse Test: Pulse Width ≤300μs, Duty Cycle≤2%
3. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com