Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F627 Datasheet(PDF) 13 Page - Microchip Technology

Part # 16F627
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F627 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 16F627 Datasheet HTML 9Page - Microchip Technology 16F627 Datasheet HTML 10Page - Microchip Technology 16F627 Datasheet HTML 11Page - Microchip Technology 16F627 Datasheet HTML 12Page - Microchip Technology 16F627 Datasheet HTML 13Page - Microchip Technology 16F627 Datasheet HTML 14Page - Microchip Technology 16F627 Datasheet HTML 15Page - Microchip Technology 16F627 Datasheet HTML 16Page - Microchip Technology 16F627 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 13
PIC16F62X
4.0
MEMORY ORGANIZATION
4.1
Program Memory Organization
The PIC16F62X has a 13-bit program counter capable
of addressing an 8K x 14 program memory space. Only
the first 1K x 14 (0000h - 03FFh) for the PIC16F627
and 2K x 14 (0000h - 07FFh) for the PIC16F628 are
physically implemented. Accessing a location above
these boundaries will cause a wrap-around within the
first 1K x 14 space (PIC16F627) or 2K x 14 space
(PIC16F628). The reset vector is at 0000h and the
interrupt vector is at 0004h (Figure 4-1 and Figure 4-2).
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F627
PC<12:0>
13
000h
0004
0005
03FFh
0400h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
FIGURE 4-2: PROGRAM MEMORY MAP AND
STACK FOR THE PIC16F628
4.2
Data Memory Organization
The data memory (Figure 4-3) is partitioned into four
Banks which contain the general purpose registers and
the special function registers. The Special Function
Registers are located in the first 32 locations of each
Bank. Register locations 20-7Fh, A0h-FFh, 120h-14Fh,
170h-17Fh and 1F0h-1FFh are general purpose regis-
ters implemented as static RAM.
The Table below lists how to access the four banks of
registers:
Addresses F0h-FFh, 170h-17Fh and 1F0h-1FFh are
implemented as common RAM and mapped back to
addresses 70h-7Fh.
4.2.1
GENERAL PURPOSE REGISTER FILE
The register file is organized as 224 x 8 in the
PIC16F62X. Each is accessed either directly or indi-
rectly
through
the
File
Select
Register
FSR
(Section 4.4).
RP1
RP0
Bank0
0
0
Bank1
0
1
Bank2
1
0
Bank3
1
1
PC<12:0>
13
000h
0004
0005
07FFh
0800h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com