Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N60L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N60
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-110.H
3A, 600V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N60 is a high voltage and high current power
MOSFET , designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have
a high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power
supplies, PWM motor controls, high efficient DC to DC converters
and bridge circuits.
FEATURES
* VDS = 600V, ID = 3A
* RDS(ON) < 3.6Ω @VGS = 10 V
* Ultra low gate charge ( typical 18 nC )
* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL


Similar Part No. - 3N60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60L-TN3-R UTC-3N60L-TN3-R Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60L-TN3-R UTC-3N60L-TN3-R Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N60L-TN3-R VBSEMI-3N60L-TN3-R Datasheet
1Mb / 9P
Power MOSFET
logo
Unisonic Technologies
3N60L-TN3-R UTC-3N60L-TN3-R Datasheet
698Kb / 8P
3.0A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com