Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N50L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N50L-TN3-R
Description  N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N50L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N50L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N50L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N50L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N50L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N50L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N50L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N50
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-525.E
4 A, 500 V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N50 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 4N50 is generally applied in high efficiency switch mode
power supplies, active power factor correction and electronic lamp
ballasts based on half bridge topology.
FEATURES
* ID= 4A
* VDS=500V
* RDS(ON)=2.0Ω @ VGS=10V
* High Switching Speed
* 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-252
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4N50L-TA3-T
4N50G-TA3-T
TO-220
G
D
S
Tube
4N50L-TF3-T
4N50G-TF3-T
TO-220F
G
D
S
Tube
4N50L-TM3-T
4N50G-TM3-T
TO-251
G
D
S
Tube
4N50L-TN3-R
4N50G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 4N50L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N50L-TN3-R UTC-4N50L-TN3-R Datasheet
183Kb / 6P
4A, 500V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
4N50L-TN3-R VBSEMI-4N50L-TN3-R Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - 4N50L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3980 SANYO-2SK3980 Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4065 SANYO-2SK4065 Datasheet
49Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4101LS SANYO-2SK4101LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4116LS SANYO-2SK4116LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com