Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N80L-TN3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 3N80L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80L-TN3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  3N80L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N80L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N80L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N80L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N80L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N80L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N80L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 3N80L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-283.I
TYPICAL CHARACTERISTICS
200
0
0
1
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage,VSD (mV)
800
400
600
3
4
3
1200
0
0
400
800
1000
Drain-Source On-State Resistance Characteristics
Drain to Source Voltage, VDS (V)
200
2
1
600
4
VGS=10V,
ID=1.25A
1000
2
1
0
0
50
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage,VTH (V)
250
100
150
200
300
Drain Current vs. Drain-Source Breakdown Voltage
0
0
50
Drain-Source Breakdown Voltage,BVDSS(V)
600
250
200
100
150
200
300
400
800
350
400
24
3
1000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com