Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N60L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-053.Z
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Drain Current
Continuous
ID
2.0
A
Pulsed (Note 2)
IDM
8.0
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
140
mJ
Repetitive (Note 2)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
(
TC = 25°С)
TO-220/ TO-262
PD
54
W
TO-220F/TO-220F1
TO-220F3
23
W
TO-220F2
24
W
TO-251/TO-251L
TO-251S/TO-251S2
TO-251S4/TO-252
TO-252D
44
W
TO-126/TO-126C
40
W
DFN-8(5×6)
22
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ.
3. L=64mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤2.4A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3/TO-262
θJA
62.5
°С/W
TO-251/TO-251L
TO-251S/TO-251S2
TO-251S4/TO-252
TO-252D
100
°С/W
TO-126/TO-126C
89
°С/W
DFN-8(5×6)
75
°С/W
Junction to Case
TO-220/ TO-262
θJC
2.32
°С/W
TO-220F/TO-220F1
TO-220F3
5.5
°С/W
TO-220F2
5.43
°С/W
TO-251/TO-251L
TO-251S/TO-251S2
TO-251S4/TO-252
TO-252D
2.87
°С/W
TO-126/TO-126C
3.12
°С/W
DFN-8(5×6)
5.6
°С/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com