Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N80L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N80L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N80L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  4N80L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-505.F
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
4.0
A
Pulsed (Note 2)
IDM
16
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
460
mJ
Repetitive (Note 2)
EAR
13
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
TO-220/TO-262
PD
106
W
TO-220F/TO-220F1
36
W
TO-220F2
38
W
TO-252/TO-251
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L=57mH, IAS=4A, VDD= 50V, RG=25Ω, Starting TJ=25°C
4. ISD ≤4A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-262
TO-220F/TO-220F1
TO-220F2
θJA
62.5
°C/W
TO-252/TO-251
110
°C/W
Junction to Case
TO-220/TO-262
θJC
1.18
°C/W
TO-220F/TO-220F1
3.47
°C/W
TO-220F2
3.28
°C/W
TO-252/TO-251
2.5
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com