Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N90G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4N90G-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N90G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4N90G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N90G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-479.F
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
900
V
Gate to Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
4
A
Continuous Drain Current
Continuous
ID
4
A
Pulsed (Note 2)
IDM
16
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
570
mJ
Repetitive (Note 2)
EAR
14
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
(TC=25°C)
TO-220
PD
140
W
TO-220F/TO-220F1
TO-220F3
38
TO-220F2
40
TO-251/TO-252
54
TO-3PN
208
Derate above 25°C
TO-220
1.12
W/°C
TO-220F/TO-220F1
TO-220F3
0.304
TO-220F2
0.322
TO-251/TO-252
0.43
TO-3PN
1.66
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L=67mH, IAS=4A, VDD=50V, RG=25Ω, Starting TJ=25°C
4. ISD ≤4A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
θJA
62.5
°C/W
TO-251/TO-252
110
TO-3PN
40
Junction to Case
TO-220
θJC
0.89
°C/W
TO-220F/TO-22F1
TO-22F3
3.25
TO-220F2
3.1
TO-251/TO-252
2.3
TO-3PN
0.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com