Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N65G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N65G-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N65G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  5N65G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 5N65G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 5N65G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 5N65G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 5N65G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 5N65G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 5N65G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-592.D
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
5
A
Continuous Drain Current
ID
5
A
Pulsed Drain Current (Note 2)
IDM
20
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
210
mJ
Repetitive (Note 2)
EAR
10
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220
PD
100
W
TO-220F/TO-220F1
TO-220F2/TO-220F3
36
TO-251/TO-252
54
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by TJ(MAX)
3. L = 16.8mH, IAS = 5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 5A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C/W
TO-220F/TO-220F1
TO-220F2/TO-220F3
62.5
TO-251 / TO-252
160
Junction to Case
TO-220
θJC
1.25
°C/W
TO-220F/TO-220F1
TO-220F2/TO-220F3
3.47
TO-251 / TO-252
2.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com