Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N90G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 7N90G-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N90G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  7N90G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N90G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N90G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N90G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N90G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N90G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 7N90G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
7N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-475.H
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
900
V
Gate to Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25°C
ID
7.0
A
TC=100°C
4.4
A
Pulsed Drain Current (Note 2)
IDM
28
A
Avalanche Current (Note 2)
IAR
6.4
A
Single Pulsed Avalanche Energy (Note 3)
EAS
500
mJ
Repetitive Avalanche Energy
(Note 2)
EAR
21
mJ
Peak Diode Recovery dv/dt
(Note 4)
dv/dt
4.0
V/ns
Power Dissipation
TO-3P
PD
240
W
TO-220F/TO-220F1
TO-220F2
52
TO-262/TO-263
180
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L=20mH, IAS=7.0A, VDD= 50V, RG=25Ω, Starting TJ=25°C
4. ISD ≤7.0A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-3P
θJA
40
°C/W
TO-220F/TO-220F1
TO-220F2/TO-262
TO-263
62.5
Junction to Case
TO-3P
θJC
0.52
°C/W
TO-220F/TO-220F1
TO-220F2
2.4
TO-262/TO-263
0.69



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com