Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18N50L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 18N50L-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N50L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  18N50L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 18N50L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 18N50L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 18N50L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 18N50L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 18N50L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 18N50L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
18N50
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-477.L
18A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 18N50 is an N-channel enhancement mode power
MOSFET using UTC’s advanced planar stripe and DMOS
technology to provide perfect performance.
This technology can withstand high energy pulse in the
avalanche and commutation mode. It can provide minimum
on-state resistance and high switching speed.
This device is generally applied in active power factor
correction and high efficient switched mode power supplies.
FEATURES
* RDS(ON) < 0.32Ω @ VGS=10V, ID=9A
* High switching speed
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
TO-3P
TO-220
1
1
TO-263
1
TO-220F2
1
TO-230
TO-220F1
1
1
TO-220F
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
18N50L-TA3-T
18N50G-TA3-T
TO-220
G
D
S
Tube
18N50L-TF3-T
18N50G-TF3-T
TO-220F
G
D
S
Tube
18N50L-TF1-T
18N50G-TF1-T
TO-220F1
G
D
S
Tube
18N50L-TF2-T
18N50G-TF2-T
TO-220F2
G
D
S
Tube
18N50L-TC3-T
18N50G-TC3-T
TO-230
G
D
S
Tube
18N50L-T3P-T
18N50G-T3P-T
TO-3P
G
D
S
Tube
18N50L-TQ2-T
18N50G-TQ2-T
TO-263
G
D
S
Tube
18N50L-TQ2-R
18N50G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 18N50L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N50L-TQ2-R UTC-18N50L-TQ2-R Datasheet
209Kb / 6P
18A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 18N50L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com