Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM09AX Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCM09AX
Description  Value applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCM09AX Datasheet(HTML) 1 Page - JL World Company Limited.

  HCM09AX Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Characteristics Response
Measuring.Temperature.v.9O°C
Measuring.Distance.v.ø4cm
HCM09AX
Series
Electro-Magnetic Sound Generators
Dimensions
Unit.v.mm
Tolerance.v.±48Hmm
Specification.Vall.data.taken.at.9O°C.unless.otherwise.specifiedS
Voltage VVDCS
-O
~4
~O
+4
O
9
H
Voltage VVDCS
+O
ø4
øO
94
9O
X
O
9
H
X
O
ø*84±48O
O8O±48O
X84±48O
-84±48O
Model
HCM4*4H,X
Operating
Temperature
V°CS
7X4.~.B+O
PSound.Pressure.
Level.at.ø4cm
VdBS
≥+9
Rated.
Voltage.
VVDCS
H
Operating.
Voltage.
VVDCS
9.~.O
PRated
Current.
Vm,S
≤H4
Generated
Frequency.
VHzS
H944±H44
Storage
Temperature
V°CS
7X4.~.B+O
Weight
VgS
48+
PValue.,pplying.Rated.Voltage6.DC8


Similar Part No. - HCM09AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCM09A JLWORLD-HCM09A Datasheet
44Kb / 1P
Value applying Rated Voltage
More results

Similar Description - HCM09AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09BX JLWORLD-HCM09BX Datasheet
292Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com