Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS05G Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCS05G
Description  Value applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCS05G Datasheet(HTML) 1 Page - JL World Company Limited.

  HCS05G Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Characteristics Response
Measuring.Temperature.y.vV°C
Measuring.Distance.y.P*cm
HCS05G
Series
Electro-Magnetic Sound Generators
Dimensions
Unit.y.mm
Tolerance.y.±*+Bmm
Specification.Hall.data.taken.at.vV°C.unless.otherwise.specifiedS
Model
HCS*V*BG
Operating
Temperature
H°CS
~v*.~.OA*
GSound.Pressure.
Level.at.P*cm
HdBS
≥AV
Rated.
Voltage.
HVS
B
Operating.
Voltage.
HVS
v.~.R
GRated
Current.
HmAS
≤PP*
Rated
Frequency.
HHzS
R***
Storage
Temperature
H°CS
~B*.~.OF*
Weight
HgS
*+4
GValue.Applying.Rated.Voltage-.Rated.Frequency-.V*w.Duty.Square.Wave
Coil.
Resistance
HΩS
Pv.±.B
50
60
300
500
80
70
dB
1K
2K
3K
5K
10K
P+v
v+*
V+*
Dummy.Lead
leadH~S
leadHOS
*+BV
P+V


Similar Part No. - HCS05G

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
617Kb / 1P
Value applying Rated Voltage
HCS0503H JLWORLD-HCS0503H Datasheet
837Kb / 1P
Value applying Rated Voltage
HCS05C JLWORLD-HCS05C Datasheet
617Kb / 1P
Value applying Rated Voltage
logo
Intersil Corporation
HCS05D INTERSIL-HCS05D Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
More results

Similar Description - HCS05G

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com