Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS08D Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCS08D
Description  Value applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCS08D Datasheet(HTML) 1 Page - JL World Company Limited.

  HCS08D Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Characteristics Response
Measuring.Temperature.A.~P°C
Measuring.Distance.A.-Ocm
HCS08D
Series
Electro-Magnetic Sound Generators
Dimensions
Unit.A.mm
Tolerance.A.±Of+mm
200
80
70
60
dB
500
300
3K
2K
1K
10K
5K
90
HCSORO+D
..JL...XXX
Sound.Emission.Hole
~fP
BfP±Of~
~fP±Of~
Of-P
~fB
*fV
+ Digits Date Code
Specification.4all.data.taken.at.~P°C.unless.otherwise.specified9
Model
HCSORO+D
HCSOROPD
Operating
Temperature
4°C9
w*O.~.kRP
w*O.~.kRP
(Sound.Pressure.
Level.at.-Ocm
4dB9
≥RP
≥RP
Rated.
Voltage.
4V9
+
P
Operating.
Voltage.
4V9
~fP.~.*fP.
*.~.B
(Rated
Current.
4mA9
≤-OO
≤-~O
Rated
Frequency.
4Hz9
~VOO
~VOO
Storage
Temperature
4°C9
w*O.~.kRP
w*O.~.kRP
Weight
4g9
Of*
Of*
(Value.Applying.Rated.Voltageh.Rated.Frequencyh.POX.Duty.Square.Wave
Coil.
Resistance
4Ω9
-P.±.+
+O.±.+


Similar Part No. - HCS08D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS08D INTERSIL-HCS08D Datasheet
126Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Renesas Technology Corp
HCS08D RENESAS-HCS08D Datasheet
488Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Intersil Corporation
HCS08DMSR INTERSIL-HCS08DMSR Datasheet
126Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Renesas Technology Corp
HCS08DMSR RENESAS-HCS08DMSR Datasheet
488Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
More results

Similar Description - HCS08D

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com