Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC620-04/P Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16LC620-04/P
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-04/P Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16LC620-04/P Datasheet HTML 100Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 101Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 102Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 103Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 104Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 105Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 106Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 107Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 108Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 107
PIC16C62X
PIC16C62X PRODUCT IDENTIFICATION SYSTEM
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type (including LC devices).
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
Pattern:
3-Digit Pattern Code for QTP (blank otherwise)
Package:
P
=
PDIP
SO
=
SOIC (Gull Wing, 300 mil body)
SS
=
SSOP (209 mil)
JW*
=
Windowed CERDIP
Temperature -
=
0˚C to +70˚C
Range:
I
=
–40˚C to +85˚C
E
=
–40˚C to +125˚C
Frequency
04
=
200kHz (LP osc)
Range:
04
=
4 MHz (XT and RC osc)
20
=
20 MHz (HS osc)
Device:
PIC16C62X :VDD range 3.0V to 6.0V
PIC16C62XT:VDD range 3.0V to 6.0V (Tape and Reel)
PIC16C62XA: VDD range 3.0V to 5.5V
PIC16C62XAT: VDD range 3.0V to 5.5V (Tape and Reel)
PIC16LC62X:VDD range 2.5V to 6.0V
PIC16LC62XT:VDD range 2.5V to 6.0V (Tape and Reel)
PIC16LC62XA:VDD range 2.5V to 5.5V
PIC16LC62XAT:VDD range 2.5V to 5.5V (Tape and Reel)
PIC16CR620A: VDD range 2.5V to 5.5V
PIC16CR620AT: VDD range 2.5V to 5.5V (Tape and Reel)
PIC16LCR620A: VDD range 2.0V to 5.5V
PIC16LCR620AT: Vdd range 2.0V to 5.5V (Tape and Reel)
PIC16CR620T: VDD range 3.0V to 5.5V (Tape and Reel)
Examples:
g) PIC16C621A - 04/P 301 =
Commercial temp., PDIP pack-
age, 4 MHz, normal VDD limits,
QTP pattern #301.
h) PIC16LC622- 04I/SO =
Industrial temp., SOIC pack-
age, 200kHz, extended VDD
limits.
PART NO.
-XX
X /XX XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com