Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC620-04/P Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16LC620-04/P
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-04/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16LC620-04/P Datasheet HTML 10Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 11Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 12Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 13Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 14Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 15Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 16Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 17Page - Microchip Technology PIC16LC620-04/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
PIC16C62X
DS30235G-page 14
Preliminary
© 1998 Microchip Technology Inc.
4.2
Data Memory Organization
The data memory (Figure 4-4, Figure 4-5, Figure 4-6 and
Figure 4-7) is partitioned into two Banks which contain the
general purpose registers and the special function regis-
ters. Bank 0 is selected when the RP0 bit is cleared. Bank
1 is selected when the RP0 bit (STATUS <5>) is set. The
Special Function Registers are located in the first 32 loca-
tions of each Bank. Register locations 20-7Fh (Bank0) on
the PIC16C620A/CR620A/621A and 20-7Fh (Bank0) and
A0-BFh (Bank1) on the PIC16C622 and PIC16C622A are
general purpose registers implemented as static RAM.
Some special purpose registers are mapped in Bank 1.
Addresses F0h-FFh of bank1 are implemented as common
ram and mapped back to addresses 70h-7Fh in bank0 on
the PIC16C620A/CR620A/621A/622A.
4.2.1
GENERAL PURPOSE REGISTER FILE
The register file is organized as 80 x 8 in the
PIC16C620/621,
96
x
8
in
the
PIC16C620A/621A/CR620A and 128 x 8 in the
PIC16C622(A). Each is accessed either directly or indi-
rectly
through
the
File
Select
Register
FSR
(Section 4.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com