Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60ZL-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N60ZL-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60ZL-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N60ZL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N60ZL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N60ZL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N60ZL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N60ZL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N60ZL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N60Z
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-349.E
7.4A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 7N60Z is a high voltage power MOSFET designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used in high speed
switching applications of switching power supplies and adaptors.
FEATURES
* RDS(ON) = 1Ω @VGS = 10 V
* Ultra Low Gate Charge (Typical 29 nC )
* Low Reverse Transfer Capacitance ( CRSS = typical 16pF )
* Fast Switching Capability
* Avalanche Energy Tested
* Improved dv/dt Capability, High Ruggedness
SYMBOL
TO-220
1
TO-263
1
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
7N60ZL-TA3-T
7N60ZG-TA3-T
TO-220
G
D
S
Tube
7N60ZL-TF1-T
7N60ZG-TF1-T
TO-220F1
G
D
S
Tube
7N60ZL-TQ2-T
7N60ZG-TQ2-T
TO-263
G
D
S
Tube
7N60ZL-TQ2-R
7N60ZG-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 7N60ZL-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60ZL-TQ2-R UTC-7N60ZL-TQ2-R Datasheet
184Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60ZL-TQ2-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com