Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N65G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 6N65G-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N65G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  6N65G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N65G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N65G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N65G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 6N65G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 6N65G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 6N65G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-589. H
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
6.2
A
Continuous Drain Current
ID
6.2
A
Pulsed Drain Current (Note 2)
IDM
24.8
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
440
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
ns
Power Dissipation
TO-220
PD
125
W
TO-220F/TO-220F1
TO-220F3
40
W
TO-220F2
42
W
TO-251/TO-251S
TO-252
55
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 24mH, IAS = 6A, VDD = 90V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 6.2A, di/dt ≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
θJA
62.5
°C/W
TO-251/TO-251S
TO-252
110
Junction to Case
TO-220
θJC
1.0
°C/W
TO-220F/TO-220F1
TO-220F3
3.2
TO-220F2
2.97
TO-251/TO-251S
TO-252
2.27



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com