Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC4007ITP14X Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC4007ITP14X
Description  Halogen?릃ree Green
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4007ITP14X Datasheet(HTML) 1 Page - Exar Corporation

  CLC4007ITP14X Datasheet HTML 1Page - Exar Corporation CLC4007ITP14X Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Material Declaration
Statement of Materials, Construction
Part Number:   CLC4007ITP14X
Package:      14L TSSOP
Name
Weight (mg)
CAS No.
Weight (mg)
/Total Unit
/ Component
1
Die
0.4740
7440‐21‐3
0.4740
0.71
100.00
2
Die
0.4740
7440‐21‐3
0.4740
0.71
100.00
3Die Attach
0.0528
‐
0.0026
0.00
5.00
7631‐86‐9
0.0196
0.03
37.20
‐
0.0026
0.00
5.00
‐
0.0079
0.01
15.00
9003‐36‐5
0.0026
0.00
5.00
‐
0.0053
0.01
10.00
‐
0.0026
0.00
5.00
‐
0.0053
0.01
10.00
‐
0.0026
0.00
5.00
‐
0.0011
0.00
2.00
461‐58‐5
0.0002
0.00
0.30
3006‐86‐8
0.0003
0.00
0.50
4
Leadframe
21.1200
7440‐50‐8
20.3491
30.61
96.35
7440‐02‐0
0.5280
0.79
2.50
7440‐21‐3
0.0528
0.08
0.25
7439‐95‐4
0.0211
0.03
0.10
7440‐22‐4
0.1690
0.25
0.80
5Mold Compound
42.3072
‐
3.8076
5.73
9.00
‐
1.6923
2.55
4.00
60676‐86‐0
33.2112
49.96
78.50
7631‐86‐9
3.3846
5.09
8.00
1333‐86‐4
0.2115
0.32
0.50
6
Plating
1.9800
7440‐31‐5
1.9798
2.98
99.99
‐
0.0002
0.00
0.01
7Wire 
0.0660
7440‐57‐5
0.0660
0.10
100.00
Total Unit Weight:
66.47
RoHS Certificate of Compliance
⊠
⊠ REACH | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
⊠ Halogen‐free | Green
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
⊠
Diluent A
Dicyandiamide
Organic peroxide
Nickel
Phenol Resin
Magnesium
Dodd‐Frank Wall Street Reform and Consumer Protection Act, July 21, 2010 
We comply with this conflict metal free policy that restricts the use of those conflict metals, mining from the Democratic Republic of Congo (DRC) and it’s 
adjoining countries.  Exar will not accept product which uses these conflict metals from these areas.  We require our suppliers to enforce this policy and be 
able to identify and verify from their sources of minerals are conflict free.  Suppliers are required to report if they or any supplier through their supply chain 
use any of these conflict metals that are derived from certain conflict minerals originating in the DRC or an adjoining country.  Exar Corporation is not aware 
of any conflict metals to be used in any of their products.
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
Copper
Epoxy Resin
Silicon
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Carbon Black
Allowable Limit           
(at homogenous material level)
EU RoHS Restricted Substance
Silica (Amorphous)B
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Silica (Amorphous)A
Silver
Others
Au
Sn
Coupling Agent
Material Weight %
Component
Silicon
Silica fused A
Element/Compound
Material
Silica fused B
Organic spacer filler
Diluent B
Phenoli hardener
Silicon
Allyl compound
Epoxy resin A
Epoxy resin B
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No: MDS‐00000384 Rev 000


Similar Part No. - CLC4007ITP14X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC4007ITP14X EXAR-CLC4007ITP14X Datasheet
1Mb / 27P
Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
More results

Similar Description - CLC4007ITP14X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
LP2951CSL50 EXAR-LP2951CSL50 Datasheet
164Kb / 1P
Halogen?릃ree Green
S7100PHC4 EXAR-S7100PHC4 Datasheet
183Kb / 1P
Halogen?릃ree Green
SP335ECR1L EXAR-SP335ECR1L Datasheet
158Kb / 1P
Halogen?릃ree Green
SP336EEYL EXAR-SP336EEYL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP485EMNL EXAR-SP485EMNL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP487CTL EXAR-SP487CTL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP508EEFL EXAR-SP508EEFL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP706SENL EXAR-SP706SENL Datasheet
164Kb / 1P
Halogen?릃ree Green
SP809NEKL29 EXAR-SP809NEKL29 Datasheet
154Kb / 1P
Halogen?릃ree Green
XRT86VL32IBF EXAR-XRT86VL32IBF Datasheet
166Kb / 2P
Halogen?릃ree Green
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com