Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CSL50 Datasheet(PDF) 1 Page - Exar Corporation

Part # LP2951CSL50
Description  Halogen?릃ree Green
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LP2951CSL50 Datasheet(HTML) 1 Page - Exar Corporation

  LP2951CSL50 Datasheet HTML 1Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material Declaration
Statement of Materials, Construction
Product:   LP2951CS‐L‐5‐0 
Package:      8L NSOIC
Name
Weight (mg)
CAS No.
Weight (mg)
/Total Unit
/ Component
1
Die
2.8000
7440‐21‐3
2.80000
2.78
100.00
2Die Attach
0.2831
7440‐22‐4
0.20950
0.21
73.99
‐
0.02548
0.03
9.00
‐
0.01416
0.01
5.00
‐
0.00425
0.00
1.50
‐
0.01699
0.02
6.00
‐
0.00708
0.01
2.50
‐
0.00142
0.00
0.50
‐
0.00425
0.00
1.50
3
Leadframe
38.9685
7440‐50‐8
36.04587
35.84
92.50
7439‐89‐6
0.85731
0.85
2.20
7723‐14‐0
0.03897
0.04
0.10
7440‐66‐6
0.07794
0.08
0.20
7440‐22‐4
1.94843
1.94
5.00
4Mold Compound
57.9074
‐
1.44700
1.44
2.50
‐
0.46326
0.46
0.80
‐
1.73724
1.73
3.00
‐
2.31632
2.30
4.00
1333‐86‐4
0.11582
0.12
0.20
60676‐86‐0
50.95911
50.67
88.00
14808‐60‐7
0.86862
0.86
1.50
5
Plating
0.5241
7440‐31‐5
0.52405
0.52
100.00
6Wire 
0.0791
7440‐50‐8
0.07910
0.08
99.99
‐
0.00001
0.00
0.01
Total Unit Weight:
100.5622
RoHS Certificate of Compliance
⊠
⊠ China RoHS | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
⊠ RoHS‐6 | Fully Compliant
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
⊠ Non Use of PFOS & PFOA
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
⊠ REACH | Fully Compliant
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
⊠ Halogen‐free | Green
⊠
⊠ Flammability rating of UL 94‐V0 
⊠ MSL Pb‐Free:  L1 @ 260°C
Chiew Mee Foo, QA Manager
Crystal silica
Sn
Cu
Silver
Acrylic Resin
Peroxide
Amorphous silica
Additive
Polybutadiene derivative
Bitadiene copolymer
Epoxy Resin
Acrylate
Carbon Black
Material
Material Weight %
Component
Silicon
Element/Compound
Dodd‐Frank Wall Street Reform and Consumer Protection Act, July 21, 2010 
We comply with this conflict metal free policy that restricts the use of those conflict metals, mining from the Democratic Republic of Congo (DRC) and it’s 
adjoining countries.  Exar will not accept product which uses these conflict metals from these areas.  We require our suppliers to enforce this policy and be 
able to identify and verify from their sources of minerals are conflict free.  Suppliers are required to report if they or any supplier through their supply chain 
use any of these conflict metals that are derived from certain conflict minerals originating in the DRC or an adjoining country.  Exar Corporation is not aware of 
any conflict metals to be used in any of their products.
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
Cu
Ag
Epoxy Resin 1
Fe
P
Zn
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Hardener1
Allowable Limit          
(at homogenous material level)
EU RoHS Restricted Substance
Others
Epoxy Resin 3
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Epoxy Resin 2
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No:  MDS‐00000396 Rev 000


Similar Part No. - LP2951CSL50

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LP2951CS FCI-LP2951CS Datasheet
384Kb / 8P
150mA Low Drop Out Voltage Regulators
logo
Advanced Monolithic Sys...
LP2951CS-3 ADMOS-LP2951CS-3 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
LP2951CS-3-3 SIPEX-LP2951CS-3-3 Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2951CS-3-3 EXAR-LP2951CS-3-3 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2951CS-3-3/TR SIPEX-LP2951CS-3-3/TR Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2951CSL50

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC4007ITP14X EXAR-CLC4007ITP14X Datasheet
158Kb / 2P
Halogen?릃ree Green
S7100PHC4 EXAR-S7100PHC4 Datasheet
183Kb / 1P
Halogen?릃ree Green
SP335ECR1L EXAR-SP335ECR1L Datasheet
158Kb / 1P
Halogen?릃ree Green
SP336EEYL EXAR-SP336EEYL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP485EMNL EXAR-SP485EMNL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP487CTL EXAR-SP487CTL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP508EEFL EXAR-SP508EEFL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP706SENL EXAR-SP706SENL Datasheet
164Kb / 1P
Halogen?릃ree Green
SP809NEKL29 EXAR-SP809NEKL29 Datasheet
154Kb / 1P
Halogen?릃ree Green
XRT86VL32IBF EXAR-XRT86VL32IBF Datasheet
166Kb / 2P
Halogen?릃ree Green
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com