Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP487CTL Datasheet(PDF) 1 Page - Exar Corporation

Part # SP487CTL
Description  Halogen?릃ree Green
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP487CTL Datasheet(HTML) 1 Page - Exar Corporation

  SP487CTL Datasheet HTML 1Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material Declaration
Statement of Materials, Construction
Product:  SP487CT‐L 
Package:      16L WSOIC
Name
Weight (g)
CAS No.
Weight (g)
/Total Unit
/ Component
1
Die
0.0040
7440‐21‐3
0.0040
0.89
100.00
2Die Attach
0.0005
7440‐22‐4
0.0004
0.09
80.50
‐
0.0001
0.01
10.00
‐
0.0000
0.00
3.00
68586‐19‐6
0.0000
0.00
3.00
‐
0.0000
0.00
3.00
80‐43‐3
0.0000
0.00
0.50
3
Leadframe
0.1416
7440‐50‐8
0.1367
30.33
96.59
7439‐89‐6
0.0032
0.71
2.26
7723‐14‐0
0.0000
0.01
0.02
7440‐66‐6
0.0002
0.04
0.13
7440‐22‐4
0.0014
0.31
1.00
‐
0.0000
0.00
0.00
4Mold Compound
0.2995
‐
0.0090
1.99
3.00
‐
0.0090
1.99
3.00
‐
0.0135
2.99
4.50
60676‐86‐0
0.2615
58.00
87.30
1333‐86‐4
0.0006
0.13
0.20
‐
0.0060
1.33
2.00
5Lead Finish
0.0047
7440‐31‐5
0.0047
1.05
99.00
‐
0.0000
0.00
1.00
6Wire 
0.0005
7440‐50‐8
0.0005
0.11
99.00
7440‐05‐3
0.0000
0.00
1.00
Total Unit Weight:
0.4508
RoHS Certificate of Compliance
⊠
⊠ China RoHS | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
⊠ RoHS‐6 | Fully Compliant
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
⊠ Non Use of PFOS & PFOA
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
⊠ REACH | Fully Compliant
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
⊠ Halogen‐free | Green
⊠
⊠ Flammability rating of UL 94‐V0 
⊠ MSL Pb‐Free:  L3 @ 260°C
Chiew Mee Foo, QA Manager
Carbocyclic Acrylates
Bismaleimide resin
2‐preponoic acid, 2‐methyl
Dicumlyl peroxide
Carbon Black
Phenol Resin
Material Weight %
Component
Silicon
Silver
Element/Compound
Material
Copper
Sn
Additive
Silica
Silver
Dodd‐Frank Wall Street Reform and Consumer Protection Act, July 21, 2010 
We comply with this conflict metal free policy that restricts the use of those conflict metals, mining from the Democratic Republic of Congo (DRC) and it’s 
adjoining countries.  Exar will not accept product which uses these conflict metals from these areas.  We require our suppliers to enforce this policy and be 
able to identify and verify from their sources of minerals are conflict free.  Suppliers are required to report if they or any supplier through their supply chain 
use any of these conflict metals that are derived from certain conflict minerals originating in the DRC or an adjoining country.  Exar Corporation is not aware 
of any conflict metals to be used in any of their products.
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
Copper
Epoxy Resin‐1
Iron
Phosporous
Others
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Others
Allowable Limit           
(at homogenous material level)
EU RoHS Restricted Substance
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Epoxy Resin‐2
Zinc
Palladium
Others
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No: MDS‐00000361 Rev 000


Similar Part No. - SP487CTL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP487CT SIPEX-SP487CT Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP487CT SIPEX-SP487CT Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP487CTL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC4007ITP14X EXAR-CLC4007ITP14X Datasheet
158Kb / 2P
Halogen?릃ree Green
LP2951CSL50 EXAR-LP2951CSL50 Datasheet
164Kb / 1P
Halogen?릃ree Green
S7100PHC4 EXAR-S7100PHC4 Datasheet
183Kb / 1P
Halogen?릃ree Green
SP335ECR1L EXAR-SP335ECR1L Datasheet
158Kb / 1P
Halogen?릃ree Green
SP336EEYL EXAR-SP336EEYL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP485EMNL EXAR-SP485EMNL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP508EEFL EXAR-SP508EEFL Datasheet
158Kb / 1P
Halogen?릃ree Green
SP706SENL EXAR-SP706SENL Datasheet
164Kb / 1P
Halogen?릃ree Green
SP809NEKL29 EXAR-SP809NEKL29 Datasheet
154Kb / 1P
Halogen?릃ree Green
XRT86VL32IBF EXAR-XRT86VL32IBF Datasheet
166Kb / 2P
Halogen?릃ree Green
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com