Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2017 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA2017 Datasheet HTML 9Page - NXP Semiconductors UBA2017 Datasheet HTML 10Page - NXP Semiconductors UBA2017 Datasheet HTML 11Page - NXP Semiconductors UBA2017 Datasheet HTML 12Page - NXP Semiconductors UBA2017 Datasheet HTML 13Page - NXP Semiconductors UBA2017 Datasheet HTML 14Page - NXP Semiconductors UBA2017 Datasheet HTML 15Page - NXP Semiconductors UBA2017 Datasheet HTML 16Page - NXP Semiconductors UBA2017 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
UBA2017
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 May 2012
13 of 29
NXP Semiconductors
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
However, the switching frequency can never go below fsw(low). If the regulation level is not
reached at fsw(low) the IC will stay at fsw(low) (point E in Figure 7).
7.3.7.2
Operation without lamp current control
To operate the lamp without current control the lamp current sense, pin IFB must be
connected to ground. The lamp now operates at the lowest frequency fsw(low) (point E in
Figure 7). Dimming is not supported in this case.
7.3.8 Stop state
When in the Stop state, the IC is off and all driver outputs are low. The IC will remain in the
Stop state until the voltage on pin VDD drops below Vrst(VDD) or it is disabled, in which
case it will go to the Reset state.
The sequence of events for entering the Stop state are shown in Figure 6 “State diagram”.
7.4 Enable and Disable
The enable function works via pin PH/EN. If this pin is pulled below the enable voltage
Ven(PH/EN), the IC goes into the Standby state (immediately if GLHB is high, otherwise it
will continue its normal clock cycle until GLHB is high and then go to the Standby state).
The external interface with pin PH/EN for the enable signal should be an open collector or
open drain type driver. To enable the IC, the open collector or open drain should be open
(high ohmic) to not disturb the fixed frequency preheat setting function of pin PH/EN.
In the Restart, Standby and Stop states, the standby pull-up current source Ipu(stb)(PH/EN)
will pull the voltage at pin PH/EN above Ven(PH/EN). In the Preheat, Ignition and Burn
states, the normal output voltage driver of the IC will pull the pin high. In those cases, the
external driver must draw a current Iclamp(PH/EN) from the pin to disable the IC.
7.5 Protection circuits
7.5.1 End-of-life rectifying lamp detection
If voltage on pin EOL is below low threshold voltage Vth(low)EOL or above Vth(high)EOL, the
fault timer will start.
A programmable end-of-life window is achieved by the internal bias current sink Ibias(EOL).
The effective relative size of the EOL window will decrease in line with the increasing
series resistance connected to pin EOL.
The end-of-life lamp rectifying detection is only active during the Burn state.
7.5.2 End-of-life overvoltage detection
This protection is intended to protect against symmetrical lamp aging. When in the Burn
state, the voltage on pin VFB exceeds the overvoltage end-of-life threshold voltage
Vth(oveol)(VFB) by more than 50 % of each switching cycle the fault timer will start.
Vth(oveol)(VFB) is related to the regulation voltage on pin IFB Vreg(IFB) that itself is dependent
on the voltage on pin DIM (see Section 7.3.7.1 “Lamp current control and dimming”)
according to the formula
:
Parameters a and b can be calculated from the Vth(oveol)(VFB) values given in Table 6.
V
th oveol
() VFB
()
ab
V
reg IFB
()
×
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com