Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS1203AX Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCS1203AX
Description  Value Applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCS1203AX Datasheet(HTML) 1 Page - JL World Company Limited.

  HCS1203AX Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification (alldatatakenat25°Cunlessotherwisespecified)
Value ApplyingRatedVoltage,DC
H
Electro-MagneticSoundGenerators
www.jlworld.com
Rated
Voltage
(VDC)
1.5
3
5
6
12
Operating
Voltage
(VDC)
1.3~2
2~5
4~7
4~8
8~15
H
Rated
Current
(mA)
£
£
20
30
H
SoundOutput
at10cm
(dB)
³
³
75
85
H
Generated
Frequency
(Hz)
2300±300
Operating
Temperature
(°C)
-40~+85
Storage
Temperature
(°C)
-40~+85
Weight
(g)
3.5
Model
HCS1201AX
HCS1203AX
HCS1205AX
HCS1206AX
HCS1212AX
Dimension
Unit:mm
Tolerance:±0.3mm
+
12.8
9.8
10.0
2
3.5
75
80
85
dB
10
11
12
13
V
10
20
30
mA
10
11
12
13
V
75
80
85
dB
23
24
25
26
V
10
20
30
mA
23
24
25
26
V
75
80
85
dB
4
5
6
7
V
10
20
30
mA
4
5
6
7
V
HCE2306AX
HCS1201AX
70
75
80
dB
1.2 1.4 1.6 1.8
V
10
15
20
mA
V
1.2 1.4 1.6 1.8
10
20
30
mA
3
4
5
6
V
70
80
90
dB
3
4
5
6
V
10
20
30
mA
8
10
12
14
V
70
80
90
dB
8
10
12
14
V
10
20
30
mA
3
4
5
6
V
70
80
90
dB
3
4
5
6
V
10
20
30
mA
2
3
4
5
V
70
80
90
dB
2
3
4
5
V
HCS1203AX
HCS1205AX
HCS1206AX
HCS1212AX
CharacteristicsResponse
Measuring Temperature:25°C
MeasuringDistance:10cm
HCS12AX
Series


Similar Part No. - HCS1203AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCS1203AX JLWORLD-HCS1203AX Datasheet
454Kb / 1P
Electro-Magnetic Sound Generators
More results

Similar Description - HCS1203AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM09BX JLWORLD-HCM09BX Datasheet
292Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com