Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232-100-H0 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 232-100-H0
Description  Wall Mount Hermetic Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

232-100-H0 Datasheet(HTML) 1 Page - Glenair, Inc.

  232-100-H0 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-31
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
232-100-H0
Wall Mount Hermetic Receptacle
MIL-DTL-38999 Series II Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A
BSC
B
SQ MAX
ø C
HOLES
D Threads
(UNEF-2A)
ø E
MAX
FP
MAX
FS
MAX
8/08
.594(15.1)
.828(21.0)
.130(3.3)
.115(2.9)
.5625-24
1.078(27.4)
.250
(6.35)
.375
(9.5)
10
.719(18.3)
.954(24.2)
.6875-24
1.256(31.9)
12
.812(20.6)
1.047(26.6)
.8125-20
1.391(35.3)
14
.906(23.0)
1.141(29.0)
.9375-20
1.516(38.5)
16
.969(24.6)
1.234(31.3)
1.0625-18
1.641(41.7)
18
1.062(27.0) 1.328(33.7)
1.1875-18
1.766(44.9)
20
1.156(29.4) 1.453(36.9)
1.3125-18
1.891(48.0)
22
1.250(31.8) 1.578(40.1)
1.4375-10
2.016(51.2)
24
1.375(34.9) 1.703(43.3) .157(4.0)
.142(3.6)
1.5625-18
2.204(56.0)
.375
(9.53)
.406
(10.3)
TABLE I (CONTINUED):
CONNECTOR DIMENSIONS
SHELL
SIZE
ø G
HOLES
ø H
MIN
ø J
BSC
8
.133(3.4)
.123(3.1)
.570(14.5)
.594(15.1)
10
.690(17.5)
.719(18.3)
12
.820(20.8)
.812(20.6)
14
.940(23.9)
.906(23.0)
16
1.070(27.2)
.969(24.6)
18
1.190(30.2)
1.062(27.0)
20
1.320(33.5)
1.156(29.4)
22
.159(4.0)
.149(3.8)
1.440(36.6)
1.250(31.8)
24
1.570(39.9)
1.375(34.9)
TABLE ll: CONTACT SIZE
.050 ± .015
(1.27 ± 0.38)
SIZE 22D AND SIZE 20
SIZE 12 AND SIZE 16
PRINTED CIRCUIT TAIL CONFIGURATIONS
CONTACT STYLE C AND D
P
P
Contact
Size
ø P
22D
.011 (0.28)
.015 (0.38)
20
.024 (0.61)
.028 (0.71)
16
.0635 (1.61)
.0615 (1.56)
12
.095 (2.41)
.093 (2.36)
Connector Series
232 - Series II Type
Alternate Key Position
A, B, C, D,
(
N = Normal)
Connector Material / Finish
ZL - CRES, Nickel
Z1 - CRES, Passivated
FT - Carbon Steel, Fused Tin
Shell Size
08,10,12,14,16,18,20,22,24
232 - 100 - H0
Z1
10 - 35
P
N
Shell Style
H0 - Hermetic Wall Mount
Connector Type
100 - Hermetic
Receptacle
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
How To Order: Commercial
Insert Arrangement
Per MIL-STD-1560;
See Pages B-2 - B-4
WIRE ACCOMODATION
Contact Size
Wire Guage
22D
#22 - #28
20
#20 - #24
16
#16 - #20
12
#12 - #14
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc Helium per second
–585B
1 x 10-9 cc Helium per second
–585C
1 x 10-8 cc Helium per second


Similar Part No. - 232-100-H0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
232-100-H2 GLENAIR-232-100-H2 Datasheet
257Kb / 1P
Box Mount Hermetic Receptacle
232-100-H5 GLENAIR-232-100-H5 Datasheet
250Kb / 1P
Solder Mount Hermetic Receptacle
232-100-H7 GLENAIR-232-100-H7 Datasheet
254Kb / 1P
Jam Nut Mount Hermetic Receptacle
More results

Similar Description - 232-100-H0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-382WM15-35PS GLENAIR-240-382WM15-35PS Datasheet
348Kb / 2P
Wall Mount Receptacle
MS27469Y9D GLENAIR-MS27469Y9D Datasheet
460Kb / 2P
Wall Mount Hermetic Receptacle
MS27475Y9D GLENAIR-MS27475Y9D Datasheet
462Kb / 2P
Wall Mount Hermetic Receptacle
231-100-H0 GLENAIR-231-100-H0 Datasheet
251Kb / 1P
Wall Mount Hermetic Receptacle
240-382W GLENAIR-240-382W Datasheet
89Kb / 2P
Wall Mount Receptacle
240-383W GLENAIR-240-383W Datasheet
144Kb / 2P
Wall Mount Receptacle
240-384W GLENAIR-240-384W Datasheet
109Kb / 2P
Wall Mount Receptacle
240-838W GLENAIR-240-838W Datasheet
106Kb / 2P
Wall Mount Receptacle
MS27469 GLENAIR-MS27469 Datasheet
210Kb / 1P
Wall Mount Hermetic Receptacle
MS27475 GLENAIR-MS27475 Datasheet
215Kb / 1P
Wall Mount Hermetic Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com