Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1401 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1401
Description  Rotary Joint Operating to 6 GHz SMA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1401 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1401 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1401 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1401 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
PCB Pin
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Thru Hole
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.15:1
Insertion Loss
0.3
dB
Input Power
30
Watts
Peak Power
3
KWatts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 6
GHz
VSWR
1.15:1
VSWR Rotational Variance
0.01:1
InsertionLossRotationalVariance
0.03
dB
Phase Rotational Variance
0.5
dB
.
Mechanical Specifications
Size
Length
0.87 in [22.1 mm]
Width
0.35 in [8.89 mm]
Height
0.35 in [8.89 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Rotary Joint Operating to 6 GHz SMA Female PCB Pin Connectors PE1401
PE1401
PE1401 REV 1.0
Rotary Joint Operating to 6 GHz SMA
Female PCB Pin Connectors


Similar Part No. - PE1401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE140 VISHAY-PE140 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Pasternack Enterprises,...
PE1400 PASTERNACK-PE1400 Datasheet
322Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
PE1402 PASTERNACK-PE1402 Datasheet
325Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M1Q_R1_00001 PANJIT-PE1403M1Q_R1_00001 Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
More results

Similar Description - PE1401

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8005 PASTERNACK-PE8005 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8005-P PASTERNACK-PE8005-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE7221-6 PASTERNACK-PE7221-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE1400 PASTERNACK-PE1400 Datasheet
322Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
PE1402 PASTERNACK-PE1402 Datasheet
325Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
PE8327 PASTERNACK-PE8327 Datasheet
320Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
PE8432 PASTERNACK-PE8432 Datasheet
319Kb / 2P
50 Ohm SMA Circulator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8433 PASTERNACK-PE8433 Datasheet
321Kb / 2P
50 Ohm SMA Circulator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com