Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1605 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1605
Description  400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1605 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1605 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1605 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
RF Port Connector
SMA Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
SMA Female
DC/RF Port Connector Impedance
50 Ohms
DC Port Connector
Solder Pin
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
400
10
MHz
RF Port VSWR
1.5
DC Voltage
50
Volts
DC Current
200
mA
.
Mechanical Specifications
Size
Length
2 in [50.8 mm]
Width/Dia.
0.75 in [19.05 mm]
Height
1.25 in [31.75 mm]
.
Connectors
Description
RF Port Connector
RF/DC Port Connector
DC Port Connector
Type
SMA Female
SMA Female
Solder Pin
Inner Conductor Material and Plating
Brass, Silver
Brass, Silver
Outer Conductor Material and Plating
Aluminum
Aluminum
[ ]
[ ]
[ ]
Body Material and Plating
Aluminum
Aluminum
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
41078
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC PE1605
PE1605
PE1605 REV 1.1
400 MHz to 10 GHz SMA Bias Tee Rated
To 200 mA And 50 Volts DC


Similar Part No. - PE1605

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PE1605C2A PANJIT-PE1605C2A Datasheet
323Kb / 5P
Ultra Low Capacitance ESD Protection
July 3,2018-REV.01
PE1605C2A_R1_00001 PANJIT-PE1605C2A_R1_00001 Datasheet
323Kb / 5P
Ultra Low Capacitance ESD Protection
July 3,2018-REV.01
PE1605C2A_R2_00001 PANJIT-PE1605C2A_R2_00001 Datasheet
323Kb / 5P
Ultra Low Capacitance ESD Protection
July 3,2018-REV.01
PE1605C4A6 PANJIT-PE1605C4A6 Datasheet
339Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
June 30,2017-REV.00
PE1605C4A6-AU PANJIT-PE1605C4A6-AU Datasheet
348Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
June 30,2017-REV.00
More results

Similar Description - PE1605

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1603 PASTERNACK-PE1603 Datasheet
220Kb / 3P
1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1616 PASTERNACK-PE1616 Datasheet
300Kb / 2P
10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1621 PASTERNACK-PE1621 Datasheet
351Kb / 3P
10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1622 PASTERNACK-PE1622 Datasheet
351Kb / 3P
500 MHz to 40 GHz 2.92mm Bias Tee Rated To 1000 mA And 50 Volts DC
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com