Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1607 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1607
Description  0.1 MHz to 18 GHz SMA Bias Tee Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1607 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1607 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1607 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1607 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
0.1 MHz to 18 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
Configuration
RF Port Connector
SMA Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
SMA Female
DC/RF Port Connector Impedance
50 Ohms
DC Port Connector
Solder Pin
Electrical Specifications
Frequency Range, GHz
0.0001 to 18
Maximum RF Port VSWR
1.8
Maximum Insertion Loss, dB
2
Maximum RF to Bias Isolation, dB
30
Maximum DC Voltage, Volts
24
Maximum DC Current, mA
750
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +100
Storage Range, deg C
-55 to +150
Size
Length, in [mm]
1.57 [39.88]
Width/Dia., in [mm]
0.5 [12.7]
.
RF Port Connector
Type
SMA Female
RF/DC Port Connector
Type
SMA Female
DC Port Connector
Type
Solder Pin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.1 MHz to 18 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC PE1607
PE1607
PE1607 REV
0.1 MHz to 18 GHz SMA Bias Tee Rated
To 750 mA And 24 Volts DC


Similar Part No. - PE1607

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PE1601-001 POWERTIP-PE1601-001 Datasheet
601Kb / 1P
POWERTIP
PE160160-001 POWERTIP-PE160160-001 Datasheet
217Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PE160160-001-P1 POWERTIP-PE160160-001-P1 Datasheet
768Kb / 1P
POWERTIP
PE160160-001-P2 POWERTIP-PE160160-001-P2 Datasheet
873Kb / 1P
POWERTIP
PE1602-001 POWERTIP-PE1602-001 Datasheet
120Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PE1607

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1608 PASTERNACK-PE1608 Datasheet
311Kb / 3P
0.1 MHz To 26.5 GHz 3.5mm Bias Tee
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com