Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1608 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1608
Description  0.1 MHz To 26.5 GHz 3.5mm Bias Tee
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1608 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1608 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1608 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1608 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
RF Port Connector
3.5mm Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
3.5mm Female
DC/RF Port Connector Impedance
50 Ohms
DC Port Connector
Solder Pin
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
100 KHz
26.5 GHz
RF Port VSWR
1.8:1
RF to Bias Isolation
30
dB
DC Voltage
24
Volts
DC Current
750
mA
.
Mechanical Specifications
Size
Length
1.38 in [35.05 mm]
Width/Dia.
0.5 in [12.7 mm]
Height
1.565 in [[39.75 mm]]
.
Connectors
Description
RF Port Connector
RF/DC Port Connector
DC Port Connector
Type
3.5mm Female
3.5mm Female
Solder Pin
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.1 MHz To 26.5 GHz 3.5mm Bias Tee Rated To 750 mA And 24 Volts DC PE1608
PE1608
PE1608 REV 1.1
0.1 MHz To 26.5 GHz 3.5mm Bias Tee
Rated To 750 mA And 24 Volts DC


Similar Part No. - PE1608

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PE1601-001 POWERTIP-PE1601-001 Datasheet
601Kb / 1P
POWERTIP
PE160160-001 POWERTIP-PE160160-001 Datasheet
217Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PE160160-001-P1 POWERTIP-PE160160-001-P1 Datasheet
768Kb / 1P
POWERTIP
PE160160-001-P2 POWERTIP-PE160160-001-P2 Datasheet
873Kb / 1P
POWERTIP
PE1602-001 POWERTIP-PE1602-001 Datasheet
120Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PE1608

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
Pasternack Enterprises,...
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1618 PASTERNACK-PE1618 Datasheet
320Kb / 2P
500 MHz to 2.5 GHz N Bias Tee Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com