Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1610 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1610
Description  0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1610 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1610 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1610 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1610 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated To 150 mA And 25 Volts DC
Configuration
RF Port Connector
2.4mm Female
RF Port Connector Impedance
50 Ohms
RF Port Connector Specification
MIL-STD-348
DC/RF Port Connector
2.4mm Male
DC/RF Port Connector Impedance
50 Ohms
DC/RF Port Connector Specification
MIL-STD-348
DC Port Connector
SMA Female
Electrical Specifications
Frequency Range, GHz
0.0001 to 50
Maximum RF to Bias Isolation, dB
50
Maximum RF Input Power, Watts
5
Maximum DC Voltage, Volts
25
Maximum DC Current, mA
150
Frequency 1
Frequency, GHz
0.0001 to 18
VSWR
1.6:1
Insertion Loss, dB
1.5
Frequency 2
Frequency, GHz
18 to 50
VSWR
1.8:1
Insertion Loss, dB
3
Mechanical Specifications
Size
Length, in [mm]
1.55 [39.37]
Width/Dia., in [mm]
0.5 [12.7]
Height, in [mm]
1.48 [37.59]
.
RF Port Connector
Type
2.4mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
RF/DC Port Connector
Type
2.4mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.1 MHz to 50 GHz 2.4mm Bias Tee Rated To 150 mA And 25 Volts DC PE1610
PE1610
PE1610 REV 1.2
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
To 150 mA And 25 Volts DC


Similar Part No. - PE1610

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
More results

Similar Description - PE1610

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
Pasternack Enterprises,...
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1608 PASTERNACK-PE1608 Datasheet
311Kb / 3P
0.1 MHz To 26.5 GHz 3.5mm Bias Tee
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1618 PASTERNACK-PE1618 Datasheet
320Kb / 2P
500 MHz to 2.5 GHz N Bias Tee Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com