Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1621 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1621
Description  10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1621 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1621 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1621 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1621 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC PE1621
URL: http://www.pasternack.com/10-mhz-40-ghz-2.92mm-bias-tee-0-ma-0-volts-dc-pe1621-p.aspx
PE1621
PE1621 REV 1.0
10 MHz to 40 GHz 2.92mm Bias Tee Rated
To 250 mA And 16 Volts DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com