Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8314 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8314
Description  50 Ohm SMA Isolator Operating From 3.5 GHz to 12.8 GHz And 2 Watts With 17 dB Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8314 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8314 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8314 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Frequency Range
3.5 GHz to 12.8 GHz
Design
Isolator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
3.5
12.8
GHz
Impedance
50
Ohms
Insertion Loss
2.2
dB
Forward Power
2
Watts
Reverse Power
2
Watts
Input VSWR
1.5:1
Isolation
17
dB
.
Mechanical Specifications
Temperature
Operating Range
-55 to 65 deg C
Size
Length
2 in [50.8 mm]
Width
1.2 in [30.48 mm]
Height
0.53 in [13.46 mm]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Isolator Operating From 3.5 GHz to 12.8 GHz And 2 Watts With 17 dB Isolation
PE8314
PE8314
PE8314 REV 1.0
50 Ohm SMA Isolator Operating From 3.5 GHz to
12.8 GHz And 2 Watts With 17 dB Isolation


Similar Part No. - PE8314

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8310 PASTERNACK-PE8310 Datasheet
274Kb / 1P
N FEMALE ISOLATOR 1-2 GHz, 10W
PE8311 PASTERNACK-PE8311 Datasheet
248Kb / 1P
N FEMALE ISOLATOR 2-4 GHz 10w
PE8312 PASTERNACK-PE8312 Datasheet
250Kb / 1P
N FEMALE ISOLATOR 4.8 GHz 10W
PE8313 PASTERNACK-PE8313 Datasheet
158Kb / 2P
50 Ohm N Isolator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8315 PASTERNACK-PE8315 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 18 GHz And 10 Watts With 15 dB Isolation
More results

Similar Description - PE8314

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8316 PASTERNACK-PE8316 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 8 GHz And 10 Watts With 15 dB Isolation
PE8317 PASTERNACK-PE8317 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 10 GHz And 10 Watts With 13 dB Isolation
PE8327 PASTERNACK-PE8327 Datasheet
320Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8301 PASTERNACK-PE8301 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 4 GHz And 1 Watts With 18 dB Isolation
PE8302 PASTERNACK-PE8302 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 8 GHz And 10 Watts With 18 dB Isolation
PE8303 PASTERNACK-PE8303 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 7 GHz to 12.4 GHz And 1 Watts With 18 dB Isolation
PE8304 PASTERNACK-PE8304 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 8 GHz to 18 GHz And 1 Watts With 16 dB Isolation
PE8305 PASTERNACK-PE8305 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 11 GHz to 18 GHz And 1 Watts With 20 dB Isolation
PE8306 PASTERNACK-PE8306 Datasheet
161Kb / 2P
50 Ohm SMA Isolator Operating From 18 GHz to 26.5 GHz And 1 Watts With 17 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com