Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/PQ Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC17C44-08/PQ
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PQ Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC17C44-08/PQ Datasheet HTML 19Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 20Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 21Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 22Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 23Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 24Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 25Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 26Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 23
PIC17C4X
5.2
Peripheral Interrupt Enable Register
(PIE)
This register contains the individual flag bits for the
Peripheral interrupts.
FIGURE 5-3: PIE REGISTER (ADDRESS: 17h, BANK 1)
R/W - 0 R/W - 0 R/W - 0 R/W - 0 R/W - 0 R/W - 0 R/W - 0 R/W - 0
RBIE
TMR3IE TMR2IE TMR1IE CA2IE
CA1IE
TXIE
RCIE
R = Readable bit
W = Writable bit
-n = Value at POR reset
bit7
bit0
bit 7:
RBIE: PORTB Interrupt on Change Enable bit
1 = Enable PORTB interrupt on change
0 = Disable PORTB interrupt on change
bit 6:
TMR3IE: Timer3 Interrupt Enable bit
1 = Enable Timer3 interrupt
0 = Disable Timer3 interrupt
bit 5:
TMR2IE: Timer2 Interrupt Enable bit
1 = Enable Timer2 interrupt
0 = Disable Timer2 interrupt
bit 4:
TMR1IE: Timer1 Interrupt Enable bit
1 = Enable Timer1 interrupt
0 = Disable Timer1 interrupt
bit 3:
CA2IE: Capture2 Interrupt Enable bit
1 = Enable Capture interrupt on RB1/CAP2 pin
0 = Disable Capture interrupt on RB1/CAP2 pin
bit 2:
CA1IE: Capture1 Interrupt Enable bit
1 = Enable Capture interrupt on RB2/CAP1 pin
0 = Disable Capture interrupt on RB2/CAP1 pin
bit 1:
TXIE: USART Transmit Interrupt Enable bit
1 = Enable Transmit buffer empty interrupt
0 = Disable Transmit buffer empty interrupt
bit 0:
RCIE: USART Receive Interrupt Enable bit
1 = Enable Receive buffer full interrupt
0 = Disable Receive buffer full interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com