Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB240N03S4L-R8 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB240N03S4L-R8
Description  N-channel - Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB240N03S4L-R8 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB240N03S4L-R8 Datasheet HTML 1Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 2Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 3Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 4Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 5Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 6Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 7Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 8Page - Infineon Technologies AG IPB240N03S4L-R8 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB240N03S4L-R8
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
20000
26000 pF
Output capacitance
C oss
-
4500
5850
Reverse transfer capacitance
Crss
-
200
400
Turn-on delay time
t d(on)
-
29
-
ns
Rise time
t r
-
37
-
Turn-off delay time
t d(off)
-
142
-
Fall time
t f
-
124
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
60
78
nC
Gate to drain charge
Q gd
-
32
65
Gate charge total
Q g
-
290
380
Gate plateau voltage
V plateau
-
2.7
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
240
A
Diode pulse current
2)
I S,pulse
-
-
960
Diode forward voltage
V SD
V GS=0 V, I F=100 A,
T j=25 °C
-
0.9
1.3
V
Reverse recovery time
2)
t rr
-
86
-
ns
Reverse recovery charge
2)
Q rr
-
149
-
nC
V R=15 V, I F=50A,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=240A, R G,ext=3.5 W
V DD=24 V, I D=240 A,
V GS=0 to 10 V
2) Defined by design. Not subject to production test.
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 0.5 K/W the chip is able to carry 486A at 25°C.
Rev. 1.1
page 3
2014-04-07



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com