Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2N10G-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2N10G-AA3-R
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2N10G-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2N10G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UT2N10G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UT2N10G-AA3-R Datasheet HTML 3Page - Unisonic Technologies UT2N10G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2N10
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-511.F
2 Amps,100 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC UT2N10 is N-Channel enhancement mode silicon gate
power FET.it uses a special gate oxide designed to provide full rated
conductance at gate biases through 3V ~ 5V and facilitate true on-off
power control directly from logic circuit supply voltages.
The UTC UT2N10 is universally applied in logic level (5V) driving
sources, such as automotive switching, solenoid drivers and
programmable controllers.
FEATURES
* RDS(ON) < 1.050Ω @ VGS=5V, ID=2A
* Design Optimized for 5V Gate Drives
* Can be Driven Directly from QMOS, NMOS, TTL Circuits
* Compatible with Automotive Drive Requirements
* SOA is Power Dissipation Limited
* Nanosecond Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
* Majority Carrier Device
SYMBOL


Similar Part No. - UT2N10G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2N10G-TN3-R UTC-UT2N10G-TN3-R Datasheet
150Kb / 3P
2 Amps,100 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - UT2N10G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com