Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT60T03G-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT60T03G-TN3-R
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60T03G-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UT60T03G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT60T03G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT60T03G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT60T03G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT60T03G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UT60T03G-TN3-R Datasheet HTML 6Page - Unisonic Technologies UT60T03G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UT60T03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-183.D
TYPICAL CHARACTERISTICS(Cont.)
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
D=0.5
0.2
0.1
0.02
0.05
0.01
Single Pulse
Pulse Width,t (s)
Effective Transient Thermal Impedance
Duty factor=t/T
Peak TJ=PDM×RthJA+TC
PDM
t
T
1000
100
10
1
0.1
1
10
100
Maximum Safe Operating Area
Drain-to-Source Voltage,VDS (V)
TC=25℃
Single Pulse
1ms
DC
100ms
10ms
100μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com