Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4810DG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT4810DG-S08-R
Description  N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4810DG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT4810DG-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4810DG-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4810DG-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4810DG-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4810DG-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT4810D
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
VER.A
TYPICAL CHARACTERISTICS
200
0
0
500
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage,VSD (mV)
800
2500
400
600
1000
1500
2000
3000
Switching Time Waveforms
VDS
90%
10%
VGS
tD(ON)
tTHL
tD(OFF)
tTLH
150
12
0
0
4
8
10
Drain-Source On-State Resistance Characteristics
Drain to Source Voltage, VDS (mV)
2
100
50
6
200
14
16
VGS=4.5V
VGS=10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com