Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT5003G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT5003G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT5003G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT5003G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT5003G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT5003G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT5003G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT5003G-S08-R Datasheet HTML 5Page - Unisonic Technologies UT5003G-S08-R Datasheet HTML 6Page - Unisonic Technologies UT5003G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT5003
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-167.B
TYPICAL CHARACTERISTICS
N-CHANNEL:
VGS=3V
3.5V
4V
4.5V
5.0V
6.0V
10V
30
25
20
15
10
5
0
0
1
23
45
Drain Source Voltage,VDS (V)
On-Region Characteristics
VGS=3.5V
4V
4.5V
5.0V
6.0V
7.0V
10V
30
24
18
12
6
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
On-Resistance Variation with Drain
Current and Gate Voltage
Drain Current,ID (A)
VDS=10V
TA=-55℃
125℃
25℃
30
25
20
15
10
5
0
1
1.5
2.0
2.5
3.0
3.5
Gate-to-Source Voltage,VGS (V)
Transfer Characteristics
Body Diode Forward Voltage Variation with
Source Current and Temperature
100
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Body Diode Forward Voltage,VSD (V)
VGS=0V
TA=125℃
25℃
-55℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com