Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6898G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT6898G-S08-R
Description  N-CHANNEL ENHANCEMENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT6898G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT6898G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT6898G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT6898G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT6898G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT6898G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT6898
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-239.B
N-CHANNEL ENHANCEMENT
DESCRIPTION
The UT6898 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON)<18 mΩ @ VGS=4.5V, ID=9.4A
* RDS(ON)<14 mΩ @ VGS=2.5V, ID=8.3A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
(7) (8)
D1
(4)
G2
(2)
G1
S1
(1)
S2
(3)
(5) (6)
D2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
12
3
4
56
7
8
UT6898G-S08-R
SOP-8
S
G
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UT6898G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT6898G-S08-R UTC-UT6898G-S08-R Datasheet
200Kb / 5P
N-CHANNEL ENHANCEMENT
logo
VBsemi Electronics Co.,...
UT6898G-S08-R VBSEMI-UT6898G-S08-R Datasheet
997Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT6898G-S08-R DOINGTER-UT6898G-S08-R Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT6898G-S08-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2N7000 TRSYS-2N7000 Datasheet
288Kb / 3P
N-CHANNEL-ENHANCEMENT
2N7002LT1 TRSYS-2N7002LT1 Datasheet
343Kb / 4P
N-CHANNEL ENHANCEMENT
logo
Seme LAB
IRFF230 SEME-LAB-IRFF230 Datasheet
42Kb / 2P
N-CHANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
N-CHANNEL ENHANCEMENT
logo
Yea Shin Technology Co....
2N7002E YEASHIN-2N7002E Datasheet
999Kb / 4P
N-CHANNEL ENHANCEMENT
logo
Calogic, LLC
3N170 CALOGIC-3N170_15 Datasheet
35Kb / 2P
N-Channel Enhancement
logo
Unisonic Technologies
1N40A UTC-1N40A Datasheet
183Kb / 5P
N-CHANNEL ENHANCEMENT
1N60-KW UTC-1N60-KW Datasheet
267Kb / 7P
N-CHANNEL ENHANCEMENT
2N70K-MT UTC-2N70K-MT Datasheet
351Kb / 7P
N-CHANNEL ENHANCEMENT
logo
List of Unclassifed Man...
FTP14N50C ETC1-FTP14N50C Datasheet
54Kb / 6P
N-Channel Enhancement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com