Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT9971PG-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT9971PG-AA3-R
Description  N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9971PG-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT9971PG-AA3-R Datasheet HTML 1Page - Unisonic Technologies UT9971PG-AA3-R Datasheet HTML 2Page - Unisonic Technologies UT9971PG-AA3-R Datasheet HTML 3Page - Unisonic Technologies UT9971PG-AA3-R Datasheet HTML 4Page - Unisonic Technologies UT9971PG-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT9971P
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-764.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±25
V
Continuous TA=25°C
ID
5
A
Drain Current
Pulsed
IDM
20
A
Power Dissipation (TA=25°C)
PD
2.7
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 3)
θJA
45
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V, TJ=25°C
1
µA
Forward
VGS=+25V
+100 nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-25V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
3.0
V
VGS=10V, ID=5A
50
mΩ
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=4.5V, ID=2.5A
60
mΩ
Forward Transconductance
gFS
VDS=10V, ID=5A
7
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
760
pF
Output Capacitance
COSS
188
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
35
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 2)
QG
56
nC
Gate to Source Charge
QGS
5.5
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=48V, ID=5A
8.8
nC
Turn-ON Delay Time (Note 2)
tD(ON)
40
ns
Rise Time
tR
40
ns
Turn-OFF Delay Time
tD(OFF)
170
ns
Fall-Time
tF
VDS=30V, ID=1A, VGS=10V,
RG=3.3Ω, RD=6Ω
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note 2)
VSD
IS=5A, VGS=0V
1.2
V
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width ≤ 300µs, Duty cycle ≤ 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com