Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD36N03L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTD36N03L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD36N03L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTD36N03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD36N03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD36N03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD36N03L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTD36N03L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTD36N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-179.B
N-CHANNEL
ENHANCEMENT MODE
FEATURES
* RDS(ON) < 17mΩ @VGS = 10 V
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTD36N03L-TA3-T
UTD36N03G-TA3-T
TO-220
G
D
S
Tube
UTD36N03L-TN3-T
UTD36N03G-TN3-T
TO-252
G
D
S
Tube
UTD36N03L-TN3-R
UTD36N03G-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - UTD36N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTD36N03L-TN3-R UTC-UTD36N03L-TN3-R Datasheet
204Kb / 5P
N-CHANNEL ENHANCEMENT MODE
logo
SHENZHEN DOINGTER SEMIC...
UTD36N03L-TN3-R DOINGTER-UTD36N03L-TN3-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UTD36N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com