Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT18P06G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT18P06G-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT18P06G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT18P06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT18P06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT18P06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT18P06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTT18P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-713. D
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-60
V
Drain-Source Leakage Current
IDSS
VDS=-60V, VGS=0V
-1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-18.3A (Note 1)
0.055 0.070
On State Drain Current (Note 1)
ID(ON)
VGS=-10V, VDS=-5V
-30
A
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
(Note 2)
840
1310
pF
Output Capacitance
COSS
95
pF
Reverse Transfer Capacitance
CRSS
70
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=-10V, VDS=-50V,
ID=-1.3A, IG=100μA (Note 3)
35
40
nC
Gate to Source Charge
QGS
6
nC
Gate to Drain Charge
QGD
7.0
nC
Turn-ON Delay Time
tD(ON)
VDD=-30V, ID=-0.5A, RG=2.5Ω
(Note 3)
50
ns
Rise Time
tR
43
ns
Turn-OFF Delay Time
tD(OFF)
300
ns
Fall-Time
tF
95
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(TC=25°C) (Note 2)
Maximum Body-Diode Continuous Current
IS
-18.3
A
Maximum Body-Diode Pulsed Current
ISM
-73.2
A
Drain-Source Diode Forward Voltage
VSD
IF=-18.3A, VGS=0V (Note 1)
-1.0
-1.5
V
Body Diode Reverse Recovery Time
trr
IF=-18.3A, dIF/dt=100A/µs
14
61
ns
Notes: 1. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %
2. Guaranteed by design, not subject to production testing
3. Independent of operating temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com